Part Number Hot Search : 
2DR2G 1N5804E3 72063 DEJF3E SMWXXXX L2MXE3 00DT1 20005
Product Description
Full Text Search
 

To Download VGA101M0JTR063057 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS VGA Series: SMT, 105C Extended Range
FEATURES
*105C, 2000 hours assured *RoHS Compliant *Voltages up to 450 vdc
SPECIFICATIONS
Item Operating Temp. Range Capacitance Tolerance Performance -40C ~ + 105C 20% (120Hz, 20C)
6.3 ~ 100V
Leakage Current (at 20*C)
4 ~ 10 O 12.5 ~ 16 O
I=0.01CV or 3A, whichever is greater, after 2 minutes at +20C I=0.03CV or 4A, whichever is greater, after 1 minute at +20C I=0.04CV +100A after 1 minute at +20C C=Rated Capacitance in F
16 0.28 0.34 25 0.18 0.26 6.3 4 5 12 10 10 3 4 8 8 35 0.16 0.22 16 2 3 6 6
160 ~ 450V 12.5 ~ 16 O
Where I=Leakage Current
Dissipation Factor Tan at 120 Hz, 20C Rated Voltage 4 ~ 10 O 12.5 ~ 16 O 6.3 0.45 0.40 Rated Voltage 10 0.35 0.38
V=Rated DC working voltage V
50 0.14 0.18 25 2 2 3 3 35 2 2 3 3 63 0.12 0.14 50 2 2 3 3 100 0.12 0.10 63 2 2 3 3 100 3 2 4 3 160~250 0.20 160-250 3 6 400~450 0.25 400-450 6 10
Low Temperature Characteristics (at 120Hz)
Impedance Ratio
4 ~ 10o Z(-25C)/Z(+20C) 12.5 ~ 16o 4 ~ 10o Z(-40C)/Z(+20C) Test Time 12.5 ~ 16o
Load Life 2000 Hrs Within 20% of initial value Less than 200% of specified value Within specified value
Shelf Life 1000 Hrs Within 20% of initial value Less than 200% of specified value Within specified value
Life Test
Voltage Capacitance Change Dissipation Factor Leakage Current Test Conditions
The above specifications shall be satisfied when the capacitors are restored to 20 after the rated voltage applied with rated ripple current for 2000 hrs
Standards
JIS C 5101-18-1
PAD SPACING AND DIAMETER
Unit: mm
D 4 5 6.3 6.3 8 10 L 5.7+0.3 5.7+0.3 5.7+0.3 7.7+0.3 10+0.3 10+0.3 A 4.3 5.3 6.6 6.6 8.4 10.4 B 4.3 5.3 6.6 6.6 8.4 10.4 12.8 12.8 16.3 C 2.0 2.3 2.7 2.7 3.0 3.3 4.9 4.9 5.8 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 1.1 to 1.4 1.1 to 1.4 1.8 to 2.2 P+0.2 1.0 1.5 2.0 2.0 3.1 4.7 4.6 4.6 6.0
0.3 max (Note 1)
B
+
LW
A
C
P
C
12.5 13.5+0.3 12.8 12.5 16 16+0.3 12.8 16.5+0.3 16.3
Note 1-Diameters of 12.5mm & 16mm diameter is 0.4mm Max
PART NUMBER EXAMPLE VGA 101 M 0J TR 063 057
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB13 REV 2006.1.18
ALUMINUM ELECTROLYTIC CAPACITORS VGA Series: SMT, 105C Extended Range
DIMENSION & PERMISSIBLE RIPPLE CURRENT
VDC 6.3V (0J) DXL mA 10V (1A) DxL mA 16V (1C) DxL mA 25V (1E) DxL mA
Dimension: oD x L (mm) Ripple Current mA/rms at 120 Hz, 105C
35V (1V) DxL mA 50V (1H) DxL 4 x 5.7 4 x 5.7 4 x 5.7 4 x 5.7 4 x 5.7 4 x 5.7 4 x 5.7 4 x 5.7 13 23 38 50 60 100 320 450 490 550 820 4 x 5.7 5 x 5.7 6.3 x 5.7 6.3 x 5.7 6.3 x 7.7 6.3 x 7.7 16 27 44 54 80 100 mA 2 3 4 5 10 16 18
F
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800
Contents 0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682
4 x 5.7 5 x 5.7 6.3 X 5.7 6.3 x 5.7 6.3 x 5.7 6.3 x 7.7 8 x 10 8 x 10 10 x 10 12.5 x 13.5 69 120 290 320 410 680 6.3 x 5.7 6.3 x 5.7 8 x 10 8 x 10 10 x 10 48 69 120 290 6.3 X 5.7 6.3 X 5.7
17 30 45 48 69
5 x 5.7 6.3 x 5.7 6.3 x 5.7 6.3 x 5.7 6.3 x 7.7 8 x 10 10 x 10 10 X 10 12.5X13.5 16 x 16.5
20 5 x 5.7 6.3 X 5.7 32 6.3 x 5.7 47 6.3 x 7.7 65 6.3 x 7.7 80 8 x 10 230 10 X 10 375 12.5X13.5 500 12.5 X 16 550
6.3 x 7.7 120 8 x 10 290
10 x 10 375 10 X 10 450 12.5X13.5 520 16 x 16.5 750
320 8 x 10 320 410 12.5X13.5 550 16 x 16.5 950 16 x 16.5 950
12.5 x 16 850 16 x 16.5 1000 16 x 16.5 1000
12.5 x 16 750 16 x 16.5 1000 16 x 16.5 1000
VDC
63V (1J) DXL 4 x 5.7 4 x 5.7 4 x 5.7 5 x 5.7 6.3 x 5.7 6.3 x 5.7 6.3 x 7.7 8 x 10 8 x 10 10 x 10 12.5 x 13.5 16 x 16.5 16 X 16.5 mA 5 8 12 17 22 32 58
100V (2A) DxL mA
160V (2C) DxL mA
200V (2D) DxL mA
250V (2E) DxL mA
400V (2G) DxL mA
F
0.47 1 2.2 3.3 4.7 10 22 33 4.7 100 220 330 470
Contents R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471
12.5 x 13.5 12.5 x 13.5 12.5 x 13.5 8 x 10 100 150 12.5 x 13.5 95 250 12.5 x 16 110 380 16 x 16.5 190 12.5 x 13.5 80 12.5 x 13.5
65 68 72 12.5 x 13.5 12.5 x 13.5 16 x 16.5 50 65 85
140 10 x 10 170 12.5 x 13.5 310 12.5 x 13.5 700 700
90 12.5 x 13.5 90 12.5 x 16 110 16 x 16.5 180 16 x 16.5 220 16 x 16.5 180
470 16 X 16.5 450
VDC
450V (2W) DXL 12.5 x 13.5 12.5 x 13.5 12.5 x 16 16 x 16.5 mA 40 50 55 85
F
3.3 4.7 10 22
Contents 3R3 4R7 100 220
PART NUMBER EXAMPLE VGA 101 M 0J TR 063 057
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB13 REV 2006.1.18


▲Up To Search▲   

 
Price & Availability of VGA101M0JTR063057

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X